Part Number Hot Search : 
16FF56 ATTIN ADM148 BPC250 1MBI1600 LFZ28V02 Y6215 MAZ7200
Product Description
Full Text Search
 

To Download BD46295G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Voltage detectors
BD45XXXG BD46XXXG
VOLTAGE DETECTOR IC with counter timer
BD45XXXG BD46XXXG
BD45XXXG and BD46XXXG are series of high-accuracy detection voltage and low current consumption VOLTAGE DETECTOR ICs adopting CMOS process. New lineup of 156 types with delay time circuit have developed. Delay time is fixed in the IC due to the built-in counter timer to require no external capacitor. Total 156 types of VOLTAGE DETECTOR ICs including BD45XXXG series (Nch open drain output) and BD46XXXG series (CMOS output), each of which has 26 kinds in every 0.1V step (2.3~4.8V) and three kinds of delay time (50msec, 100msec, 200msec) have developed.
Applications Every kind of appliances with microcontroller and logic circuit Features 1) Built-in delay time circuit 2) No external capacitor for setting delay time required 3) 3 kinds of delay time: 50msec(Typ.)(BD45XX5G,BD46XX5G) 100msec(Typ.)(BD45XX1G,BD46XX1G) 200msec(Typ.)(BD45XX2G,BD46XX2G) 4) Detection voltage: 2.3V ~ 4.8V 0.1V step 5) High-accuracy detection voltage: 1.0% 6) Ultra low current consumption: 0.85A typ. 7) Output circuit: Nch open drain(BD45XXXG) CMOS(BD46XXXG) 8) Package: SSOP5(SMP5C2) 9) Operating temperature range: -40C ~ +105C Application Circuit
BD45XXXG
VDD VDD VDD
BD45XXXG BD46XXXG
5 4
1pin : External RESET control 2pin : Connect to Sub, GND 3pin : GND 4pin : VOUT 5pin : VDD
(Fixed delay time by the built-in 10% of high-accuracy counter timer)
1
2
3
2.90.2 (5) (4) 2.80.2 1.6 +0.2 -0.1
(UNIT:mm)
(1) (2) (3) 1.25MAX 1.1 0.050.05 0.05
0.95
0.42 +0.05 -0.04
0.1
SSOP5(SMP5C2)
BD46XXXG
VDD VDD
Vout
Oscillation circuit counter timer
Reset
Oscillation circuit counter timer
0.2MIN 0.13 +0.05 -0.03
Vout Reset
Vref
Vref
GND
ER
GND
ER
Pin No. SSOP5
1 ER
2 Sub
3 GND
4 VOUT
5 VDD
1/4
Voltage detectors
Absolute Maximum Ratings (Ta=25C)
Power supply voltage VDD - GND Output Nch open drain output VOUT voltage CMOS output ER pin input voltage VCT Power dissipation:SSOP5 1 Pd Operating temperature range Topr Tstg Storage temperature range
BD45XXXG BD46XXXG
Symbol Limits - 0.3 ~ + 10 GND - 0.3 ~ + 10 GND - 0.3 ~ VDD + 0.3 GND - 0.3 ~ VDD + 0.3 540 - 40 ~ + 105 - 55 ~ + 125 Unit V V V
Parameter
1 Derating: 5.4mW/C for operation above Ta=25C.(Mounted on a 70.0mmX70.0mmX16mm glass epoxy PCB.)
mW C C
Electrical characteristics (Unless otherwise noted; Ta=-25C ~ +105C)
Detection voltage temperature coefficient Hysteresis voltage Circuit current when ON
1
Parameter
Symbol
1
Min. --
Typ. 100
Max. 360
Unit % A A V mA mA A V V V A
Conditions RL=470K, VDD=LHL VDET=2.3~3.1V VDD=VDET-0.2V VDET=3.2~4.2V VDET=4.3~4.8V VDET=2.3~3.1V VDET=3.2~4.2V VDD=VDET+2V VDET=4.3~4.8V RL=470k, VOL0.4V VDS=0.5V, VDD=1.2V VDS=0.5V, VDD=2.4V (VDET2.7V) VDS=0.5V, VDD=4.8V VDET=2.3~4.2V VDS=0.5V, VDD=6.0V VDET=4.3~4.8V VDD=VDS=10V BD45XX5G, BD46XX5G RL=100k BD45XX1G, BD46XX1G CL=100pF BD45XX2G, BD46XX2G VER=2.0V
VDET/T
ppm/C Ta=-40C ~ +105C
1
Circuit current when OFF Min. operating voltage "L" output current "H" output current Output leak current "H" transmission delay time ER pin "H" voltage ER pin "L" voltage ER pin input current
1 1 1
1 1
1 This value is guranteed at Ta=25C. Note) RL is not necessary for CMOS output type. Note) Please refer to the detection voltage of Line-up table.
VDET VDETX0.03 VDETX0.05 VDETX0.08 -- 0.70 2.10 -- 0.75 2.25 Icc1 -- 0.80 2.40 -- 0.75 2.25 Icc2 -- 0.80 2.40 -- 0.85 2.55 VOPL 0.95 -- -- 0.4 1.2 -- IOL 2.0 5 -- -- 1.0 2.2 IOH 1.2 2.7 -- -- -- 0.1 Ilaek 45 50 55 tPLH 90 100 110 180 200 220 2.0 -- -- VEH VEL -- -- 0.8 IER -- 1 10
Characteristic diagram and Measurement circuit
250 200
Output delay time "L H"
(BD4x28xG tPLH)
BD45282G
50 40
Output delay time "H L"
(BD4x28x tPLH)
tPLH (msec)
150 100 50 0 -60
BD45281G
tPLH [sec]
30 20 10 0 -60
BD45285G
-40
-20
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
Ta (C)
5V RL=100k VOUT GND 100pF VDET0.5V ER
Ta (C)
5V RL=100k VOUT GND 100pF
VDD ER VDET0.5V
VDD
2/4
Voltage detectors
Circuit current
(BD45281G)
1.5
BD45XXXG BD46XXXG
18
"L" output current
(BD45281G)
15
"H" output current
(BD46281G)
15
VDD=6.0V
IDD (A)
IOL (mA)
IDS (mA)
1.0
10
VDD=2.4V
10
VDD=4.8V
0.5
5
5
VDD=1.2V 0 1 2 3 4 5 VDD (V) 6 7 8 9 10 0 0.5 1 1.5 2 2.5
2 0 1 2 3 VDS (V) 4 5 6
VDS (V)
A
VDD ER
VDS VDD VOUT GND VDD ER GND VDD VOUT VDD ER GND VDS VDD VOUT
A
A
I/O characteristic
9 8 7 6 VOUT (V) VDET (V) 5 4 3 2 1 0 0.5 Ta=25C 1 1.5 2 2.5 3 VDD (V) 3.5 4 4.5 5 5.5 -40 Ta=25C 3.4
Detection voltage
5.4 5.0 4.6 4.2 3.8
(BD45421G)
(BD45421G)
low to high(VDET+VDET)
high to low(VDET)
0
Ta (C)
50
90
VDD VDD ER GND VOUT
RL=470K VDD ER
VDD VOUT GND
RL=470K
V
V
Timing waveform
VDD VDET+VDET VDET 0V
VDD
VOUT
VOH tPLH VOL tPHL tPLH tPHL tPLH
ER
VEH
3/4
Voltage detectors
Part number and Marking of samples
Voltage Marking Part No. Marking Part No. Marking Part No. Marking Part No. Marking Part No. Marking Part No.
4.8V 4.7V 4.6V 4.5V 4.4V 4.3V 4.2V 4.1V 4.0V 3.9V 3.8V 3.7V 3.6V 3.5V 3.4V 3.3V 3.2V 3.1V 3.0V 2.9V 2.8V 2.7V 2.6V 2.5V 2.4V 2.3V T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 TA TB TC TD TE TF TG TH TJ TK TL TM TN TP TQ TR BD45485 BD45475 BD45465 BD45455 BD45445 BD45435 BD45425 BD45415 BD45405 BD45395 BD45385 BD45375 BD45365 BD45355 BD45345 BD45335 BD45325 BD45315 BD45305 BD45295 BD45285 BD45275 BD45265 BD45255 BD45245 BD45235 TS TT TU TV TW TX TY TZ U0 U1 U2 U3 U4 U5 U6 U7 U8 U9 UA UB UC UD UE UF UG UH BD45481 BD45471 BD45461 BD45451 BD45441 BD45431 BD45421 BD45411 BD45401 BD45391 BD45381 BD45371 BD45361 BD45351 BD45341 BD45331 BD45321 BD45311 BD45301 BD45291 BD45281 BD45271 BD45261 BD45251 BD45241 BD45231 UJ UK UL UM UN UP UQ UR US UT UU UV UW UX UY UZ V0 V1 V2 V3 V4 V5 V6 V7 V8 V9 BD45482 BD45472 BD45462 BD45452 BD45442 BD45432 BD45422 BD45412 BD45402 BD45392 BD45382 BD45372 BD45362 BD45352 BD45342 BD45332 BD45322 BD45312 BD45302 BD45292 BD45282 BD45272 BD45262 BD45252 BD45242 BD45232 VA VB VC VD VE VF VG VH VJ VK VL VM VN VP VQ VR VS VT VU VV VW VX VY VZ W0 W1 BD46485 BD46475 BD46465 BD46455 BD46445 BD46435 BD46425 BD46415 BD46405 BD46395 BD46385 BD46375 BD46365 BD46355 BD46345 BD46335 BD46325 BD46315 BD46305 BD46295 BD46285 BD46275 BD46265 BD46255 BD46245 BD46235 W2 W3 W4 W5 W6 W7 W8 W9 WA WB WC WD WE WF WG WH WJ WK WL WM WN WP WQ WR WS WT BD46481 BD46471 BD46461 BD46451 BD46441 BD46431 BD46421 BD46411 BD46401 BD46391 BD46381 BD46371 BD46361 BD46351 BD46341 BD46331 BD46321 BD46311 BD46301 BD46291 BD46281 BD46271 BD46261 BD46251 BD46241 BD46231 WU WV WW WX WY WZ X0 X1 X2 X3 X4 X5 X6 X7 X8 X9 XA XB XC XD XE XF XG XH XJ XK BD46482 BD46472 BD46462 BD46452 BD46442 BD46432 BD46422 BD46412 BD46402 BD46392 BD46382 BD46372 BD46362 BD46352 BD46342 BD46332 BD46322 BD46312 BD46302 BD46292 BD46282 BD46272 BD46262 BD46252 BD46242 BD46232
BD45XXXG BD46XXXG
BD45XXXG/BD46XXXG : SSOP5(SMP5C2)
(5) (4)
(1)
(2)
(3)
Marking
Lot.No
Line-up
50msec delay Detection Nch voltage open drain output CMOS output VDET
4.8V 4.7V 4.6V 4.5V 4.4V 4.3V 4.2V 4.1V 4.0V 3.9V 3.8V 3.7V 3.6V 3.5V 3.4V 3.3V 3.2V 3.1V 3.0V 2.9V 2.8V 2.7V 2.6V 2.5V 2.4V 2.3V BD45485G BD45475G BD45465G BD45455G BD45445G BD45435G BD45425G BD45415G BD45405G BD45395G BD45385G BD45375G BD45365G BD45355G BD45345G BD45335G BD45325G BD45315G BD45305G BD45295G BD45285G BD45275G BD45265G BD45255G BD45245G BD45235G
100msec delay
Nch open drain output CMOS output
200msec delay
Nch open drain output CMOS output
Detection voltage
VDET ( V )Ta=25C Typ.
Min.
Max.
Hysteresis voltage ( V, Typ. )
Package
BD46485G BD45481G BD46481G BD45482G BD46482G 4.752 4.800 4.848 BD46475G BD45471G BD46471G BD45472G BD46472G 4.653 4.700 4.747 BD46465G BD45461G BD46461G BD45462G BD46462G 4.554 4.600 4.646 BD46455G BD45451G BD46451G BD45452G BD46452G 4.455 4.500 4.545 BD46445G BD45441G BD46441G BD45442G BD46442G 4.356 4.400 4.444 BD46435G BD45431G BD46431G BD45432G BD46432G 4.257 4.300 4.343 BD46425G BD45421G BD46421G BD45422G BD46422G 4.158 4.200 4.242 BD46415G BD45411G BD46411G BD45412G BD46412G 4.059 4.100 4.141 BD46405G BD45401G BD46401G BD45402G BD46402G 3.960 4.000 4.040 BD46395G BD45391G BD46391G BD45392G BD46392G 3.861 3.900 3.939 BD46385G BD45381G BD46381G BD45382G BD46382G 3.762 3.800 3.838 BD46375G BD45371G BD46371G BD45372G BD46372G 3.663 3.700 3.737 BD46365G BD45361G BD46361G BD45362G BD46362G 3.564 3.600 3.636 BD46355G BD45351G BD46351G BD45352G BD46352G 3.465 3.500 3.535 BD46345G BD45341G BD46341G BD45342G BD46342G 3.366 3.400 3.434 BD46335G BD45331G BD46331G BD45332G BD46332G 3.267 3.300 3.333 BD46325G BD45321G BD46321G BD45322G BD46322G 3.168 3.200 3.232 BD46315G BD45311G BD46311G BD45312G BD46312G 3.069 3.100 3.131 BD46305G BD45301G BD46301G BD45302G BD46302G 2.970 3.000 3.030 BD46295G BD45291G BD46291G BD45292G BD46292G 2.871 2.900 2.929 BD46285G BD45281G BD46281G BD45282G BD46282G 2.772 2.800 2.828 BD46275G BD45271G BD46271G BD45272G BD46272G 2.673 2.700 2.727 BD46265G BD45261G BD46261G BD45262G BD46262G 2.574 2.600 2.626 BD46255G BD45251G BD46251G BD45252G BD46252G 2.475 2.500 2.525 BD46245G BD45241G BD46241G BD45242G BD46242G 2.376 2.400 2.424 BD46235G BD45231G BD46231G BD45232G BD46232G 2.277 2.300 2.323 VDET X 0.05 SSOP5
(SMP5C2)
4/4


▲Up To Search▲   

 
Price & Availability of BD46295G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X